Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0013 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXSS0013
Description  Low Cost MMIC Mixer 1400 - 2100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0013 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXSS0013 Datasheet HTML 1Page - Tyco Electronics MAMXSS0013 Datasheet HTML 2Page - Tyco Electronics MAMXSS0013 Datasheet HTML 3Page - Tyco Electronics MAMXSS0013 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Cost MMIC Mixer
1400 - 2100 MHz
MAMXSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications
4:
RF = 1850 MHz (-10 dBm), LO = 1710 MHz (+5 dBm), IF = 140 MHz, TA = 25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
dB
—
8.0
9.0
Isolation
LO to RF
LO to IF
RF to IF
dB
dB
dB
—
—
—
28
15
15
—
—
—
VSWR
RF Port
LO Port 3
IF Port
Ratio
Ratio
Ratio
—
—
—
2.0:1
2.0:1
2.0:1
—
—
—
Input 1 dB Compression
LO = +5 dBm, RF Freq: 1850 MHz
dBm
—
12
—
Two-Tone IM Ratio 5
Two Tones at -10 dBm each, Tone spacing = 100 KHz,
IF = 140 MHz
dBc
—
55
—
4. With external LO Port matching. See functional block diagram.
5. IMR vs. RF drive can be calculated by the formula: IMR = 40-1.5*Pin.
Absolute Maximum Ratings
6,7
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Absolute Maximum
RF Input Power
+27 dBm
LO Drive Power
+27 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4x
38.3
27.3
41.3
39.9
45.4
52.5
64.7
77.1
57.0
78.7
3x
21.4
10.5
30.1
30.1
69.0
70.5
43.0
58.8
68.3
76.8
2x
9.0
-0.9
36.1
36.4
36.0
45.8
65.8
75.0
64.3
78.0
1x
1.9
-6.0
0
0
44.8
55.5
56.1
75.2
65.0
78.3
0x
X
X
8.1
8.3
45.5
54.4
56.8
72.3
72.9
74.3
0x
1x
2x
3x
4x
Harmonic of RF
Spurious Table
The spurious table shows the spurious signals resulting from the
mixing of the RF and LO input signals, assuming down
conversion. Mixing products are indicated relative to the IF. The
lower frequency mixing term is shown for two different RF input
levels. The top number is for an RF input power of 0 dBm, the
lower number is for -10 dBm.
|nFRF - mFLO |, RF = 0 dBm
|nFRF - mFLO |, RF = -10 dBm
RF Frequency = 1850 MHz
LO Frequency = 1710 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com