Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0013 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXSS0013
Description  Low Cost MMIC Mixer 1400 - 2100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0013 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXSS0013 Datasheet HTML 1Page - Tyco Electronics MAMXSS0013 Datasheet HTML 2Page - Tyco Electronics MAMXSS0013 Datasheet HTML 3Page - Tyco Electronics MAMXSS0013 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Cost MMIC Mixer
1400 - 2100 MHz
MAMXSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• +12 dBm Input Power @ 1 dB Compression
• High Isolation, 28 dB LO to RF
• +3 to +8 dBm LO Drive Level
• DC - 500 MHz 3 dB IF Bandwidth
• Does not require DC bias
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MD54-0006
Description
M/A-COM’s MAMXSS0013 is a passive mixer that
achieves the performance of a double balanced
diode mixer in a lead-free SOT-25 package. The
MAMXSS0013 is ideally suited for use where high
level RF signals and very wide dynamic range are
required. Typical applications include frequency up/
down conversion, modulation and demodulation in
receivers and transmitters for base station and
portable systems.
The MAMXSS0013 uses FETs as mixing elements
to achieve very wide dynamic range in a low cost
plastic package. The mixer operates with LO drive
levels of +3 dBm to +8 dBm. The LO port may be
externally tuned for operation in various frequency
bands.
M/A-COM’s MAMXSS0013 is fabricated using a
mature 0.5 micron gate length GaAs MESFET
process. The process features full passivation for
increased
performance
and
reliability.
The
MAMXSS0013 is 100% RF tested to ensure
performance specification compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
LO Port
LO Input
2
Ground
Ground
3
Ground
Ground
4
RF Port
RF Input
5
IF Port
IF Output
Functional Block Diagram
4
5
3
2
1
RF
IF
L1
C1
R1
LO
Part Number
Package
MAMXSS0013
Bulk Packaging
MAMXSS0013TR-3000
3000 piece reel
MAMX-000013-001SMB
1500 MHz Configuration
MAMX-000013-002SMB
1710 MHz Configuration
MAMX-000013-003SMB
2300 MHz Configuration
Part
1500 MHz
1710 MHz
2300 MHz
R1
470 Ω
470 Ω
820 Ω
L1
6.8 nH
4.7 nH
2.7 nH
C1
3.3 pF
2.2 pF
2.2 pF
LO Frequency
External Circuitry Parts List
2,3
2. The external LO matching network allows tuning from 1400
MHz to 2300 MHz.
The networks given above are
intended to serve as guidelines for matching in different bands.
3. All
off-chip
components
are
low-cost
surface
mount
components obtainable from multiple sources (0.060 in. x
0.030 in. or 0.080 in. x 0.050 in).
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
Ordering Information
1


Similar Part No. - MAMXSS0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
Low Cost MMIC Mixer
MAMXSS0013 MA-COM-MAMXSS0013_15 Datasheet
149Kb / 4P
Low Cost MMIC Mixer
More results

Similar Description - MAMXSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0005 MACOM-MD54-0005 Datasheet
68Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0012 MACOM-MAMXSS0012 Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
MD54-0005 MA-COM-MD54-0005 Datasheet
103Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
Low Cost MMIC Mixer
691354 MA-COM-691354 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com