Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS173D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLUS173D
Description  Programmable logic arrays 22 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS173D Datasheet(HTML) 2 Page - NXP Semiconductors

  PLUS173D Datasheet HTML 1Page - NXP Semiconductors PLUS173D Datasheet HTML 2Page - NXP Semiconductors PLUS173D Datasheet HTML 3Page - NXP Semiconductors PLUS173D Datasheet HTML 4Page - NXP Semiconductors PLUS173D Datasheet HTML 5Page - NXP Semiconductors PLUS173D Datasheet HTML 6Page - NXP Semiconductors PLUS173D Datasheet HTML 7Page - NXP Semiconductors PLUS173D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS173B/D
Programmable logic arrays
(22
× 42 × 10)
October 22, 1993
34
LOGIC DIAGRAM
NOTES:
1. All programmed ‘AND’ gate locations are pulled to logic “1”.
2. All programmed ‘OR’ gate locations are pulled to logic “0”.
3.
Programmable connection.
(LOGIC TERMS–P)
(CONTROL TERMS)
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
21
22
23
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
I10
I11
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
31
24 23
16 15
8 7
0
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com