Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS173D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLUS173D
Description  Programmable logic arrays 22 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS173D Datasheet(HTML) 3 Page - NXP Semiconductors

  PLUS173D Datasheet HTML 1Page - NXP Semiconductors PLUS173D Datasheet HTML 2Page - NXP Semiconductors PLUS173D Datasheet HTML 3Page - NXP Semiconductors PLUS173D Datasheet HTML 4Page - NXP Semiconductors PLUS173D Datasheet HTML 5Page - NXP Semiconductors PLUS173D Datasheet HTML 6Page - NXP Semiconductors PLUS173D Datasheet HTML 7Page - NXP Semiconductors PLUS173D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS173B/D
Programmable logic arrays
(22
× 42 × 10)
October 22, 1993
35
FUNCTIONAL DIAGRAM
P31
P0
D0
D9
I0
I11
B0
B9
B9
B0
S0
S9
X9
X0
ABSOLUTE MAXIMUM RATINGS1
THERMAL RATINGS
RATING
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
+7
VDC
VIN
Input voltage
+5.5
VDC
VOUT
Output voltage
+5.5
VDC
IIN
Input currents
–30
+30
mA
IOUT
Output currents
+100
mA
Tamb
Operating free-air temperature range
0
+75
°C
Tstg
Storage temperature range
–65
+150
°C
NOTES:
1. Stresses above those listed may cause malfunction or permanent damage to the device. This
is a stress rating only. Functional operation at these or any other condition above those
indicated in the operational and programming specification of the device is not implied.
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise
75
°C
ambient to junction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com