Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0010 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWCC0010
Description  GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0010 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWCC0010 Datasheet HTML 1Page - Tyco Electronics MASWCC0010 Datasheet HTML 2Page - Tyco Electronics MASWCC0010 Datasheet HTML 3Page - Tyco Electronics MASWCC0010 Datasheet HTML 4Page - Tyco Electronics MASWCC0010 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
!
"
#
$
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
% &
*
#
#$
% & ' ()
&
*
+
,
-
"
&+ "
- ."
8
<+ <+0!*!(!/
3
/ ' 456
;
K
K
* (
K
3
/ ' 456
;
(&
K
K
27B <
<+ !<+0 <+/
8
$
$ "
<+0 <+/
8
$
$ "
3
/ ' 456
3
/ ' 456
<
<
K
K
K
K
* '%0
* '%0
0 ;
K
K
1'
56
' 1 / ' 456
;
;
K
K
L01
L*.
K
K
9(
$
L1 ;
1'
56
' 1 / ' 456
;
;
K
K
('
/'
K
K
$
1'=
-'= <+
K
K
(1
K
$
1'=
0'= <+
K
K
*'
K
$
0'=
-'= <+
K
K
0*
K
$
-'=
0'= <+
K
K
*
K
2
K
K
2
/ 1
1 '
1 1
2 8
2 5
8 B
5 45
K
K
2
2
' '
* '
K
K
' &
1 '
8
2
G 2
4:3
K
0 '
K
0 '
1!
.
2
,!8
>'?
>0?
K
K
1
&
$
)
+
K
K
K
0*1
7
:
4
3
3
( 1
56
;
K
-(
K
7
7
$
<
M
K
K
@ B
K
01
K
7
9
$$8
9
2
G
,!2
G 2
* 0 2
K
K
K
0 '
&
J
7
2
G 2
4:3
K
*1'
/''
1
3
!
E
>$
?
!
$
"
)
$
3
3
0'' H
,
"
.
+
&
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com