Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWCC0010
Description  GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0010 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWCC0010 Datasheet HTML 1Page - Tyco Electronics MASWCC0010 Datasheet HTML 2Page - Tyco Electronics MASWCC0010 Datasheet HTML 3Page - Tyco Electronics MASWCC0010 Datasheet HTML 4Page - Tyco Electronics MASWCC0010 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
!
"
#
$
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
% &
0
3
/ 456
7
7
7
$$8
7 3
8
/ ,.
7
9
9
8
3
9
1'
:
$
;
"
$
<
"
8
+
79 * 9
0''=
$ 9
5
+
>4
?
*)'@ <
"
< 57A
2
7B -' '''(
C
7B
''0'
79/$
"
5D $
$$8
$
89
$
,
"
"
"
3
/ 456!
3
$
7B
''0'
7B
''0'
;
9
7B
''0'$<
0'''
7B
''0' $;
7
$
;
:
%<
:
10(
6
:
%3
E
!
"
"
0
9*
0-
4:3
*
2
*'
:
0
(
:
0
*0
4:3
/
/
**
<+
1
(
*(
4:3
)
*
*/
:
0
.
0
*1
<+(
&
:
0
*)
4:3
-
:
0
*.
:
0
0'
:
0
*&
4:3
00
:
0
*-
<+/
0*
:
0
('
4:3
0(
4:3
(0
:
0
0/
<+0
(*
2
01
4:3
((
2
0)
:
0
(/
:
0
0.
4:3
(1
2
0&
<+*
()
90
A<
5 6
7 "
!D
F
3
*''* -1 D
0
:
G :
*
+
2DD
,
4
3
3
(
,
E
' 0H+
"
(* I ((
/
$
,
"
"
<+
3
+
9J+: 9


Similar Part No. - MASWCC0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0010 MA-COM-MASWCC0010 Datasheet
714Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0010-TB MA-COM-MASWCC0010-TB Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010-TB MA-COM-MASWCC0010-TB Datasheet
714Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply
More results

Similar Description - MASWCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com