Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDBP Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDBP
Description  230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDBP Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDBP Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDBP Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDBP
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead with Daylight
Sensor - Black
NET WEIGHT (KG)
0.272
FINISH
Black
DIFFUSER
Opal
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
460
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
100
CIRCUIT WATTAGE (W)
5.3
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.023
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
www.mlaccessories.co.uk
AMLEDBP
230V IP54 5W LED Security Amenity Bulkhead with
Daylight Sensor - Black
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDBP
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDBP
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDBP

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDB KNIGHTSBRIDGE-AMLEDB Datasheet
147Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead Black Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDBS KNIGHTSBRIDGE-AMLEDBS Datasheet
148Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor Black
11/06/2024
More results

Similar Description - AMLEDBP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
Daylight sensor
logo
List of Unclassifed Man...
NSYCVF38M230PF ETC2-NSYCVF38M230PF Datasheet
61Kb / 2P
ClimaSys forced vent. IP54, 38m3/h, 230V,with outlet grille and filter G2
NSYCVF85M230PF ETC2-NSYCVF85M230PF Datasheet
62Kb / 2P
ClimaSys forced vent. IP54, 85m3/h, 230V, with outlet grille and filter G2
NSYCVF165M230PF ETC2-NSYCVF165M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 165m3/h, 230V,with outlet grille and filter G2
NSYCVF300M230PF ETC2-NSYCVF300M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 300m3/h, 230V,with outlet grille and filter G2
NSYCVF560M230PF ETC2-NSYCVF560M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
NSYCVF850M230PF ETC2-NSYCVF850M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 850m3/h, 230V,with outlet grille and filter G2
logo
Elite Enterprises (H.K....
PC8N-5LTX ELITE-PC8N-5LTX Datasheet
1Mb / 19P
5W Power LED
PG1C-5LXX ELITE-PG1C-5LXX Datasheet
1Mb / 22P
5W Power LED
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com