Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDBP Datasheet(PDF) 2 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDBP
Description  230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDBP Datasheet(HTML) 2 Page - ML Accessories Limited. All rights reserved.

  AMLEDBP Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDBP Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
L70B50 LIFESPAN (HRS)
60,000
DIMMABLE
No
OPERATING TEMPERATURE
-20~50°C
INPUT VOLTAGE
230V 50Hz
CABLE ENTRY (MM)
20
DRIVER
MAX. OUTPUT - 5W
OUTPUT VOLTAGE - 29-35V
OUTPUT CURRENT - 150mA
POWER FACTOR - 0.46
EFFICIENCY FULL LOAD - 85
CASE TEMPERATURE (Tc) - 80°C
SENSOR TYPE
Photocell
SENSOR OVERRIDE
No
SENSOR LUX SETTINGS
10-80lx/Disable
STANDBY POWER
0.1W
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270822885
Date Created: 11/06/2024 01:49



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com