Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0039 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0039
Description  GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0039 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0039 Datasheet HTML 1Page - Tyco Electronics MASWSS0039 Datasheet HTML 2Page - Tyco Electronics MASWSS0039 Datasheet HTML 3Page - Tyco Electronics MASWSS0039 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
MASWSS0039
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
V2
2
Electrical Specifications: TA = 25°C, Z0 = 50
Ω, V
C = 0 V / 3 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4.9 GHz
5.2 GHz
5.8 GHz
dB
dB
dB
—
—
—
0.9
0.8
0.8
1.3
1.2
1.2
Isolation
4.9 GHz
5.2 GHz
5.8 GHz
dB
dB
dB
15
20
20
20
25
29
—
—
—
Return Loss
4.5 - 6.0 GHz
dB
15
25
—
P1dB
5.2 GHz, VC = 2.7 V
5.2 GHz, VC = 3.0 V
5.2 GHz, VC = 5.0 V
dBm
dBm
dBm
—
—
—
31
33
39
—
—
—
IP2
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz
dBm
—
98
—
IP3
Two Tone, +15 dBm / tone, 5 MHz Spacing
5.2 GHz, VC = 3 V
5.2 GHz, VC = 5 V
dBm
dBm
—
—
52
55
—
—
2nd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
—
-85
—
3rd Harmonic
5.2 GHz, PIN = 20 dBm
dBc
—
-83
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
—
20
—
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
nS
nS
—
—
35
40
—
—
Control Current
|VC| = 3 V
µA
—
5
25
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to
electrostatic
discharge
(ESD)
and
can
be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Absolute
Maximum
Input Power @ 3 V Control
+32 dBm
Input Power @ 5 V Control
+36 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com