Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0039 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0039
Description  GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0039 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0039 Datasheet HTML 1Page - Tyco Electronics MASWSS0039 Datasheet HTML 2Page - Tyco Electronics MASWSS0039 Datasheet HTML 3Page - Tyco Electronics MASWSS0039 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs DPDT Diversity Switch
4.5 - 6.0 GHz
MASWSS0039
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
V2
1
Features
• Low Insertion Loss: 0.8 dB at 5.2 GHz
• Low Cost 3 mm 12-Lead PQFN Package
• Ideal for WLAN IEEE 802.11a
• 0.5 micron GaAs PHEMT Process
• Integrated DC Blocking Capacitors
Description
M/A-COM’s
MASWSS0039
is
a
GaAs
PHEMT
MMIC DPDT diversity switch in a low cost 3 mm 12-
lead PQFN package. It is designed for low insertion
loss
and
allows
for
independent
control
and
selection of each switch path. It integrates blocking
capacitors on all RF ports and thus eliminates the
need for additional off-chip DC blocking capacitors.
The MASWSS0039 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
systems that employ two antennas for transmit and
receive diversity.
This part can be used in all
systems operating between 4.5 GHz and 6.0 GHz
requiring moderate power and diversity switching.
The MASWSS0039 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
Port 3
Port 4
Ctrl 2
Ctrl 3
Ctrl 4
Ctrl 1
PIN 1
Ordering Information
Part Number
Package
MASWSS0039TR
7 inch, 1000 Piece Reel
MASWSS0039TR-3000
13 Inch, 3000 Piece Reel
MASWSS0039SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
PIN No.
PIN Name
Description
1
Ctrl 1
Control 1
2
Port 3
RF Port 3
3
Ctrl 4
Control 4
4
N/C
No Connection
5
Port 2
RF Port 2
6
N/C
No Connection
7
Ctrl 3
Control 3
8
Port 4
RF Port 4
9
Ctrl 2
Control 2
10
N/C
No Connection
11
Port 1
RF Port 1
12
N/C
No Connection
13
Paddle1
RF and DC Ground
Pin Configuration
1
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MASWSS0039

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0039SMB MA-COM-MASWSS0039SMB Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0039TR MA-COM-MASWSS0039TR Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0039TR-3000 MA-COM-MASWSS0039TR-3000 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
More results

Similar Description - MASWSS0039

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com