Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR14LEDEM Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # TPR14LEDEM
Description  230V IP65 14W LED Emergency Bulkhead 4000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TPR14LEDEM Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  TPR14LEDEM Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. TPR14LEDEM Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
TPR14LEDEM
DESCRIPTION
230V IP65 14W LED Emergency Bulkhead 4000K
NET WEIGHT (KG)
0.85
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Diameter - 285
Projection - 86
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP65
IK RATING
IK08
WATTAGE (W)
14
LAMP TECHNOLOGY
SMD LED
LUMENS (LM)
1100
LUMENS LIGHT SOURCE ONLY (LM)
1475
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
105.4
LUMENS EMERGENCY MODE (LM)
200
CIRCUIT WATTAGE (W)
14
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.065
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.027
BEAM ANGLE (DEGREES)
115
LIFE SPAN (HRS)
30,000
www.mlaccessories.co.uk
TPR14LEDEM
230V IP65 14W LED Emergency Bulkhead 4000K
14
kWh/1000h
KNIGHTSBRIDGE
TPR14LEDEM
A
B
C
D
E
F
G
E
14
kWh/1000h
KNIGHTSBRIDGE
TPR14LEDEM
A
B
C
D
E
F
G
E


Similar Part No. - TPR14LEDEM

ManufacturerPart #DatasheetDescription
logo
Brauer Ltd
TPR1 BRAUER-TPR1 Datasheet
8Mb / 4P
TOGGLE HAND PRESSES
logo
List of Unclassifed Man...
TPR1000 ETC-TPR1000 Datasheet
69Kb / 2P
1000 Watts, 45 Volts, Pulsed Avionics 1090 MHz
logo
GHz Technology
TPR1000 GHZTECH-TPR1000 Datasheet
71Kb / 2P
high power COMMON BASE bipolar transistor.
logo
TEKTRONIX, INC.
TPR1000 TEKTRONIX-TPR1000 Datasheet
428Kb / 6P
Active Power Rail Probes
TPR1000 TEKTRONIX-TPR1000 Datasheet
7Mb / 44P
4 Series MSO Mixed Signal Oscilloscope Datasheet
30 Apr 2020
More results

Similar Description - TPR14LEDEM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF1GE SCHNEIDER-VCF1GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jun 13, 2022
VCF3GE SCHNEIDER-VCF3GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com