Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR14LEDEM Datasheet(PDF) 2 Page - ML Accessories Limited. All rights reserved.

Part # TPR14LEDEM
Description  230V IP65 14W LED Emergency Bulkhead 4000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TPR14LEDEM Datasheet(HTML) 2 Page - ML Accessories Limited. All rights reserved.

  TPR14LEDEM Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. TPR14LEDEM Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
L70B50 LIFESPAN (HRS)
60,000
DIMMABLE
No
EMERGENCY
Maintained / Non-maintained / Switched
OPERATING TEMPERATURE
-20~50°C
INPUT VOLTAGE
230V 50Hz
CABLE ENTRY (MM)
20
CABLE GLAND INCLUDED
Blind grommet
DRIVER
DRIVER TYPE - Constant Current
MAX. OUTPUT - 14W
OUTPUT VOLTAGE - 24-28V
OUTPUT CURRENT - 500mA
POWER FACTOR - 0.9
EFFICIENCY FULL LOAD - 83.6
CASE TEMPERATURE (Tc) - 50°C
BATTERY INCLUDED
Yes
WARRANTY
3year(s)
WARRANTY INFORMATION
Excluding battery
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832937050
Date Created: 11/06/2024 01:43



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com