Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0068 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0068
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0068 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0068 Datasheet HTML 1Page - Tyco Electronics MASWSS0068 Datasheet HTML 2Page - Tyco Electronics MASWSS0068 Datasheet HTML 3Page - Tyco Electronics MASWSS0068 Datasheet HTML 4Page - Tyco Electronics MASWSS0068 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPDT High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0068
V1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
Pin Configuration 5
PIN No.
PIN Name
Description
1
RF1
RF In/Out
2
GND
Ground
3
GND
Ground
4
GND
Ground
5
G1
RF Ground
6
V1
Control 1
7
GND
Ground
8
RFC
RF In/Out
9
GND
Ground
10
V2
Control 2
11
G2
RF Ground
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
RF2
RF In/Out
16
GND
Ground
17
GT2
RF Ground
18
GND
Ground
19
GT1
RF Ground
20
GND
Ground
5. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Electrical Specifications: TA = 25°C, VC = 0 V / 5 V, Z0 = 75 Ω
6
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.40
0.65
1.0
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
48
68
50
Return Loss (On)
Return Loss (Off)
5 – 50 MHz
50 – 1000 MHz
5 – 50 MHz
50 – 1000 MHz
dB
dB
dB
dB
38
17
35
22
IP3
Two Tone, 6 MHz Spacing, 10 dBm / tone, > 50 MHz
dBm
52
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
20
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
40
Transients
In Band
mV
30
Control Current
|Vc| = 5 V
µA
12
20
6. External 0.01 µf DC blocking capacitors are required on all RF ports.
Handling Procedures
Please observe the following precautions to
avoid damage:
Static Sensitivity
Gallium arsenide integrated circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Use proper ESD
control precautions when handling these
devices.
Qualification
Qualified to M/A-COM Specification Rel 201,
Process Flow –2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com