Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0068 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0068
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0068 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0068 Datasheet HTML 1Page - Tyco Electronics MASWSS0068 Datasheet HTML 2Page - Tyco Electronics MASWSS0068 Datasheet HTML 3Page - Tyco Electronics MASWSS0068 Datasheet HTML 4Page - Tyco Electronics MASWSS0068 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPDT High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0068
V1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
3
RFC to RF1, RF2 Isolation
RFC to RF1, RF2 Insertion Loss
On Return Loss
Off Return Loss
-50
-40
-30
-20
-10
0
0
300
600
900
1200
+25°C
+85°C
-40°C
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
300
600
900
1200
+25°C
+85°C
-40°C
Frequency (MHz)
0.0
0.3
0.6
0.9
1.2
0
300
600
900
1200
+25°C
+85°C
-40°C
Frequency (MHz)
45.0
50.0
55.0
60.0
65.0
0
300
600
900
1200
+25°C
+85°C
-40°C
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com