Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0102 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0102
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0102 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0102 Datasheet HTML 1Page - Tyco Electronics MASWSS0102 Datasheet HTML 2Page - Tyco Electronics MASWSS0102 Datasheet HTML 3Page - Tyco Electronics MASWSS0102 Datasheet HTML 4Page - Tyco Electronics MASWSS0102 Datasheet HTML 5Page - Tyco Electronics MASWSS0102 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0102
V2P
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
Pin Configuration 5
PIN
No.
PIN Name
Description
1
GND
Ground
2
GND
Ground
3
RF1
RF In/Out
4
GND
Ground
5
GT1
RF Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
GND
Ground
11
GND
Ground
12
GND
Ground
13
RF2
RF In/Out
14
GND
Ground
15
GND
Ground
16
G2
RF Ground
17
V1
Control 1
18
V2
Control 2
19
V1
Control 1
20
G1
RF Ground
5. Center paddle should be connected to ground.
Electrical Specifications: TA = 25°C, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.7
0.9
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
100
70
Return Loss (On)
Return Loss (Off)
5 – 50 MHz
50 – 1000 MHz
5 – 50 MHz
50 – 1000 MHz
dB
dB
dB
dB
30
16
20
16
IP3
Two Tone –10 dBm, 6 MHz Spacing, > 50 MHz
Vc = 0V/5V
dBm
55
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
20
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
30
Transients
In Band
mV
112
Gate Leakage
|Vc| = 2.5V
uA
12
Handling Procedures
Please observe the following precautions to
avoid damage:
Static Sensitivity
Gallium arsenide integrated circuits are
sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Use
proper ESD control precautions when handling
these devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com