Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0102 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MASWSS0102
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0102 Datasheet(HTML) 6 Page - Tyco Electronics

  MASWSS0102 Datasheet HTML 1Page - Tyco Electronics MASWSS0102 Datasheet HTML 2Page - Tyco Electronics MASWSS0102 Datasheet HTML 3Page - Tyco Electronics MASWSS0102 Datasheet HTML 4Page - Tyco Electronics MASWSS0102 Datasheet HTML 5Page - Tyco Electronics MASWSS0102 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0102
V2P
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
6
Isolation State:
Freq
+25C
+25C
+25C
-40C
-40C
-40C
+85C
+85C
+85C
S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB)
45
-21.451
-101.859
-0.109
-24.164
-102.004
-0.122
-17.876
-105.151
-0.104
90
-24.416
-101.210
-0.141
-37.610
-95.572
-0.151
-18.569
-93.541
-0.138
135
-24.290
-93.360
-0.163
-35.762
-93.610
-0.172
-18.505
-91.513
-0.162
180
-24.323
-100.100
-0.163
-35.020
-90.697
-0.172
-18.478
-91.189
-0.171
225
-23.798
-88.970
-0.193
-33.274
-96.759
-0.200
-18.251
-88.938
-0.208
270
-23.736
-90.210
-0.210
-32.730
-89.723
-0.216
-18.221
-90.738
-0.227
315
-23.129
-87.977
-0.215
-31.180
-90.210
-0.223
-17.861
-88.980
-0.236
360
-22.696
-87.691
-0.246
-30.194
-88.777
-0.242
-17.570
-86.136
-0.274
405
-22.147
-93.357
-0.261
-29.041
-89.026
-0.259
-17.228
-87.537
-0.291
450
-21.719
-86.196
-0.282
-28.153
-84.886
-0.274
-16.952
-84.794
-0.313
495
-21.105
-90.365
-0.314
-27.022
-87.770
-0.308
-16.567
-84.869
-0.355
540
-20.726
-95.475
-0.328
-26.520
-87.295
-0.319
-16.279
-89.267
-0.371
585
-20.304
-85.779
-0.351
-25.708
-84.513
-0.336
-16.055
-87.403
-0.397
630
-19.866
-92.551
-0.390
-25.068
-100.557
-0.368
-15.768
-101.159
-0.431
675
-19.342
-89.633
-0.415
-24.268
-91.456
-0.394
-15.428
-88.765
-0.461
720
-19.156
-84.750
-0.431
-24.067
-83.970
-0.406
-15.326
-83.477
-0.488
765
-18.706
-79.289
-0.471
-23.342
-80.741
-0.442
-15.051
-77.039
-0.524
810
-18.228
-74.363
-0.487
-22.685
-73.848
-0.456
-14.723
-73.079
-0.547
855
-17.936
-73.453
-0.522
-22.293
-72.746
-0.484
-14.526
-72.057
-0.583
900
-17.699
-70.377
-0.563
-22.013
-69.378
-0.523
-14.352
-71.657
-0.632
945
-17.149
-70.706
-0.587
-21.231
-70.119
-0.556
-13.979
-71.628
-0.663
990
-16.892
-72.148
-0.565
-20.884
-70.863
-0.534
-13.771
-73.305
-0.637
1035
-16.744
-76.185
-0.624
-20.678
-74.109
-0.582
-13.661
-76.465
-0.693
1080
-16.415
-74.735
-0.655
-20.219
-74.578
-0.611
-13.412
-75.304
-0.727
1125
-16.169
-74.252
-0.646
-19.913
-74.338
-0.598
-13.211
-75.860
-0.731
1170
-16.050
-72.245
-0.683
-19.782
-71.390
-0.630
-13.115
-72.601
-0.765
1200
-16.010
-66.832
-0.708
-19.750
-67.853
-0.642
-13.063
-67.603
-0.779



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com