Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0115 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0115
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0115 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0115 Datasheet HTML 1Page - Tyco Electronics MASWSS0115 Datasheet HTML 2Page - Tyco Electronics MASWSS0115 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
MASWSS0115
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6
DC - 1 GHz
1 - 3 GHz
dB
dB
—
—
0.25
0.30
0.40
0.55
Isolation
DC - 1 GHz
1 - 3 GHz
dB
dB
20
—
24
22
—
—
Return Loss
0.05 - 3 GHz
dB
—
20
—
IP2
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
—
90
—
IP3
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
—
46
—
P1dB
Vc = 0 V/2.5 V
Vc = 0 V/3.0 V
dBm
dBm
—
—
21
25
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
35
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
—
40
—
Transients
In band
mV
—
10
—
Control Current
Vc = 2.5 V
µA
—
5
20
Electrical Specifications: TA = 25°C, Vc = 0 V/2.5 V, Z0 = 50 Ohms
5
5.
External DC blocking capacitors are required on all RF ports.
6.
Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Lead-Free SC-70 (SOT-363)
†
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
7,8
Control
V1
Control
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
7.
Differential voltage, V(state 1) - V(state 0), must be +2.3 V
minimum.
8.
0 = 0 V ± 0.2 V, 1 = +2.3 V to 5.0 V
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com