Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0115 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0115
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0115 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0115 Datasheet HTML 1Page - Tyco Electronics MASWSS0115 Datasheet HTML 2Page - Tyco Electronics MASWSS0115 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
MASWSS0115
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
RoHS
Compliant
Features
• Low Insertion Loss: 0.3 dB @ 2.4 GHz
• Moderate Isolation: 22 dB @ 2.4 GHz
• Low Power Consumption: <5 μA @ +2.3V
• Lead-Free SOT-363 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-485
Description
M/A-COM’s MASWSS0115 is a GaAs PHEMT
MMIC single pole, double throw (SPDT) switch in a
low cost, lead-free SC-70 (SOT-363) surface mount
plastic package. The MASWSS0115 is ideally suited
for applications where very small size and low cost
are required.
Typical applications are dual band systems which
require switching between small signal components
such as filter banks, single-band LNAs, converters,
etc. This part can be used for low power, low loss
requirements in all systems operating up to 3 GHz,
including PCS, GSM, DCS, Blue Tooth, and other
receive chain applications.
The MASWSS0115 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Pin Configuration
Ordering Information
1
Part Number
Package
MASWSS0115
Bulk packaging
MASWSS0115TR-3000
3000 piece reel
MASWSS0115SMB
Sample Board
MASWSS0115-DIE
Separated Die on Grip Ring
2
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
2.5 V Control
5 V Control
+27 dBm
+34 dBm
Voltage
± 8.5 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Absolute Maximum Ratings
3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
Reference Application Note M513 for reel size information.
2.
Die quantity varies.


Similar Part No. - MASWSS0115

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0115 MA-COM-MASWSS0115 Datasheet
142Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MA-COM-MASWSS0115 Datasheet
142Kb / 4P
GaAs SPDT Switch
MASWSS0115 MA-COM-MASWSS0115 Datasheet
671Kb / 5P
GaAs SPDT Switch
MASWSS0115-DIE MA-COM-MASWSS0115-DIE Datasheet
142Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115-DIE MA-COM-MASWSS0115-DIE Datasheet
671Kb / 5P
GaAs SPDT Switch
More results

Similar Description - MASWSS0115

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com