Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML6402
Description  P-Channel Enhancement MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML6402 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML6402 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■
Features
●
Ultra low on-resistance.
●
P-Channel MOSFET.
●
SOT-23 Footprint.
●
Low profile(<1.1mm).
●
Available in tape and reel.
●
Fast switching.
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±
12
Continuous Drain Current VGS=4.5V @ TA=25℃
-3.7
Continuous Drain Current VGS=4.5V@ TA=70℃
-2.2
Pulsed Drain Current
a
IDM
-30
Power Dissipation
@ TA=25℃
PD
1.3
Power Dissipation
@ TA=70℃
0.8
Single Pulse Avalanche Energy
b
EAS
11
mJ
Thermal Resistance.Junction- to-Ambient
RthJA
100
℃
/W
Linera Derating Factor
0.01
W/℃
Junction Temperature
TJ
150
Junction and Storage Temperature Range
Tstg
-55 to 150
℃
V
ID
A
W
b.Starting TJ=25℃, L=1.65mH, RG=25Ω, IAS=-3.7A
a.Repetitive Rating :Pulse width limited by maximum junction temperature
Notes:
IRLML6402
P-Channel Enhancement MOSFET
1
2
3
■
Simplified outline(SOT-23)
1. Gate
2. Source
3. Drain
1
S
D
G
Rev:2022A2


Similar Part No. - IRLML6402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402 IRF-IRLML6402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML6402 IRF-IRLML6402 Datasheet
140Kb / 9P
HEXFET Power MOSFET
logo
Texas Instruments
IRLML6402 TI1-IRLML6402 Datasheet
249Kb / 12P
bq2026 Evaluation Software
logo
Guangdong Kexin Industr...
IRLML6402 KEXIN-IRLML6402 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6402 HOTTECH-IRLML6402 Datasheet
442Kb / 4P
Plastic-Encapsulate Mosfets
More results

Similar Description - IRLML6402

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com