Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML6402
Description  P-Channel Enhancement MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML6402 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML6402 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML6402 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown voltage
VDSS
ID
V
= 0V
-20
V
VDS = -20 V, V
= 0V
-1.0
VDS = -20 V, V
= 0V, TJ
℃
-25
ce leadage
I
V
=±12V
±
100
nA
e
V
VDS = V , ID
-0.40 -0.55
V
ID
V
= -4.5V
0.050
ID= -3.1A, V
= -2.5V
0.080 0.135
Forward Transconductance
gfs
VDS = -10 V, ID
S
Input capacitance
Ciss
VDS = -10 V,
Output capacitance
Coss
V
= 0 V,
145
Reverse transfer capacitance
Crss
f= 1MHz
110
e
g
8.0
12
ce Charge
gs
1.2
1.8
rain Charge
gd
2.8
4.2
Turn-on delay time
td(on)
ID
350
Rise time
tr
VDD= -10 V,
48
Turn-off delay time
td(off)
RD
Ω
588
Fall time
tf
R
Ω
381
Reverse recovery time
trr
43
ns
Reverse recovery charge
rr
11
nC
Continuous source current
IS
-1.3
Pulsed source curren
ISM
-22
Diode forward voltage
VSD
TJ=25℃,V
= 0 V, IS = -1.0 A
-1.2
V
tit
lse width limited by max.junction temperature.
e width ≤ 400μs, Duty cycle ≤
TJ=25℃, IF = -1.0 A,
μ
s
ns
pF
A
MOSFET symbo
l showing the
integral reverse
p-n junction diode
VDS = -10V ,V
= -5.0 V , ID
nC
IDSS
Static drain-source on- resistance
RDS(on)
Ω
S
D
G
Test conditions
Zero Gate Voltage Drain Current
2
IRLML6402
Rev:2022A2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com