Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH1 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  FH1_07 Datasheet HTML 1Page - WJ Communication. Inc. FH1_07 Datasheet HTML 2Page - WJ Communication. Inc. FH1_07 Datasheet HTML 3Page - WJ Communication. Inc. FH1_07 Datasheet HTML 4Page - WJ Communication. Inc. FH1_07 Datasheet HTML 5Page - WJ Communication. Inc. FH1_07 Datasheet HTML 6Page - WJ Communication. Inc. FH1_07 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 4 of 7 April 2007
FH1
High Dynamic Range FET
Reference Design: 260 MHz, 25 dB Gain
Frequency
MHz
250
260
270
Gain
dB
25.2
25.1
24.9
S11
dB
-23
-22
-13
S22
dB
-12
-14
-17
P1dB
dBm
+22.4
OIP3
dBm
+39.5
Noise Figure
dB
1.8
1.9
2.1
Supply Voltage
V
+5
Supply Current
mA
140
0.2
0.22
0.24
0.26
0.28
0.3
Frequency (GHz)
Gain / Return Loss
21
22
23
24
25
26
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
ID=C2
C=1000 pF
C=0.2 pF
ID=R1
L=120 nH
ID=L1
L=220 nH
R=3.3 Ohm
ID=C3
C=1.8e4 pF
ID=C1
C=1000 pF
ID=C6
C=1000 pF
ID=C5
R=1e4 Ohm
ID=R6
R=2000 Ohm
ID=R7
R=2000 Ohm
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTÃ
r
Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.
Reference Design: 460 MHz, 20 dB Gain
Frequency
MHz
450
460
470
Gain
dB
19.9
19.9
19.9
S11
dB
-24
-24
-21
S22
dB
-16
-15
-15
P1dB
dBm
+21.6
OIP3
dBm
+42
Noise Figure
dB
1.95
2.08
2.17
Supply Voltage
V
+5
Supply Current
mA
140
0.34
0.38
0.42
0.46
0.5
0.54
0.58
Frequency (GHz)
Gain / Return Loss
16
17
18
19
20
21
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
ID=C3
C=1000 pF
ID=C2
C=1000 pF
ID=R1
L=36 nH
ID=L1
L=100 nH
ID=C5
R=5000 Ohm
ID=C1
C=1000 pF
ID=R6
R=750 Ohm
ID=R7
R=750 Ohm
ID=C6
C=1000 pF
ID=R2
L=10 nH
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTÃ
r
Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com