Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH1 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  FH1_07 Datasheet HTML 1Page - WJ Communication. Inc. FH1_07 Datasheet HTML 2Page - WJ Communication. Inc. FH1_07 Datasheet HTML 3Page - WJ Communication. Inc. FH1_07 Datasheet HTML 4Page - WJ Communication. Inc. FH1_07 Datasheet HTML 5Page - WJ Communication. Inc. FH1_07 Datasheet HTML 6Page - WJ Communication. Inc. FH1_07 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 5 of 7 April 2007
FH1
High Dynamic Range FET
Reference Design: 790 MHz, 19 dB Gain
Frequency
GHz
746
790
835
Gain
dB
19.2
19.4
19.3
S11
dB
-20
-28
-15
S22
dB
-22
-23
-22
P1dB
dBm
+22
OIP3
dBm
+41
Noise Figure
dB
2.3
Supply Voltage
V
+5
Supply Current
mA
140
0.7
0.75
0.8
0.85
0.9
Frequency (GHz)
Gain / Return Loss
17
17.5
18
18.5
19
19.5
20
-30
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
ID=C4
C=1e4 pF
ID=C2
C=100 pF
ID=C1
C=100 pF
ID=R6
R=560 Ohm
ID=R7
R=560 Ohm
ID=C3
C=100 pF
ID=C6
C=100 pF
ID=L1
L=27 nH
ID=R1
L=8.2 nH
ID=C5
L=10 nH
ID=R2
L=2.2 nH
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTà …Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.
Reference Design: 790 MHz, 17 dB Gain
Frequency
GHz
746
790
835
Gain
dB
17.3
17.4
17.4
S11
dB
-19
-19
-16
S22
dB
-22
-22
-21
P1dB
dBm
+22
OIP3
dBm
+41
Noise Figure
dB
2.0
2.1
2.2
Voltage
V
+5
Current
mA
140
0.7
0.75
0.8
0.85
0.9
Frequency (GHz)
Gain / Return Loss
14
15
16
17
18
19
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
Noise Figure vs. Frequency
0
1
2
3
4
740
760
780
800
820
840
Frequency (MHz)
25 °C
50 °C
90 °C
ID=C1
C=100 pF
ID=C2
C=100 pF
ID=C3
C=100 pF
ID=C4
C=10000 pF
ID=C6
C=100 pF
ID=L1
L=33 nH
ID=R1
L=12 nH
ID=C5
R=10000 Ohm
ID=R6
R=360 Ohm
ID=R7
R=360 Ohm
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTà …Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com