Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-209 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-209
Description  Matched GaAs SPST Switch DC - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-209 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-209 Datasheet HTML 1Page - Tyco Electronics SW-209 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Matched GaAs SPST Switch
SW-209
Control Input
Condition of Switch
A
B
RF1 to RF2
High
Low
ON
Low
High
OFF
Typical Performance
Absolute Maximum Ratings
1.
Operation of this device above any one of these parameters ma y
cause permanent damage.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5–2.0 GHz
+34 dBm
Control Voltage
+5V, –8.5V
Operating Temperature
–55˚C to +125°C
Storage Temperature
–65˚C to +150˚C
Functional Schematic
Truth Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com