Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-209 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-209
Description  Matched GaAs SPST Switch DC - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-209 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-209 Datasheet HTML 1Page - Tyco Electronics SW-209 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
Matched GaAs SPST Switch
DC - 3 GHz
SW-209
Features
Fast Switching Speed, 6 ns Typical
Ultra Low DC Power Consumption
Small Package Size, 0.180" (4.6mm) Sq.
Guaranteed Specifications1 (-55°C to + 85°C)
Frequency Range
DC – 3.0 GHz
Insertion Loss
DC – 3.0 GHz
1.5 dB Max
DC – 2.0 GHz
1.2 dB Max
DC – 1.0 GHz
1.1 dB Max
DC – 0.5 GHz
0.9 dB Max
VSWR
DC – 3.0 GHz
1.6:1 Max
DC – 2.0 GHz
1.5:1 Max
DC – 1.0 GHz
1.2:1 Max
DC – 0.5 GHz
1.2:1 Max
Isolation
DC – 3.0 GHz
27 dB Min
DC – 2.0 GHz
32 dB Min
DC – 1.0 GHz
40 dB Min
DC – 0.5 GHz
45 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall
3 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
6 ns Typ
Transients (In-Band)
30 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0/-8
0.5 – 3.0 GHz
+27
+33
dBm Typ
0.05 GHz
+21
+26
dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
0.5 – 3.0 GHz
+62
+40
dBm Typ
0.05 GHz
+68
+46
dBm Typ
Control Voltages (Complementary Logic)
Vin Low
0 to -0.2V @ 20 µA Max
Vin High
-5V @ 50 µA Typ to -8V @ 300 µA Max
1. All specifications apply with 50 ohm impedance connected to all RF ports
with 0 and -5 Vdc control voltages.
CR-3
CR-10
Ordering Information
Model No.
Package
SW-209
PIN
Ceramic (CR-3)
SW-209B PIN
Screened To MIL-STD-
883C, Method 5008.4,
Table VII, Class B Hybrid
SW-209G PIN
Ceramic Gull Winged
(CR-10)
q
q
q


Similar Part No. - SW-209

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-209B MA-COM-SW-209B Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-209G MA-COM-SW-209G Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
More results

Similar Description - SW-209

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-214 MACOM-SW-214 Datasheet
61Kb / 2P
GaAs SPST Switch DC - 3 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch DC - 3.0 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com