Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-243 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-243
Description  Reflective GaAs SP4T Switch DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-243 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-243 Datasheet HTML 1Page - Tyco Electronics SW-243 Datasheet HTML 2Page - Tyco Electronics SW-243 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reflective GaAs SP4T Switch
DC - 4 GHz
SW-243
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Electrical Specifications: TA = -55 to +85°C, Vc = 0 V / -5 V, Z0 = 50 Ω
4,5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
0.8
0.9
1.0
1.3
Isolation
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
35
30
25
20
VSWR
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
1.25:1
1.25:1
1.5:1
1.9:1
Trise, Tfall 5
10% to 90% RF, 90% to 10% RF
nS
2
Ton, Toff 5
50% control to 90% RF, 50% control to 10% RF
nS
4
Transients 5
In-Band
mV
25
Input P1dB
0.5 - 4 GHz, 0 / -5 VDC
0.05 GHz, 0 / -5 VDC
0.5 - 4 GHz, 0 / -8 VDC
0.05 GHz, 0 / -8 VDC
dBm
dBm
dBm
dBm
26
20
32
23
IP2
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
68
55
IP3
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
46
37
Control Current
│Vc│ = 0 to 0.2 V
│Vc│= 5 V
│Vc│= 8 V
µA
µA
µA
10
5
100
4. See MIL-STD-883 for environmental screening options.
5. Faster switching speed can be achieved with enhanced driver waveform.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table6,7
6. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
7. When an RF output port is “off” it is shorted to ground
through an “on” shunt MESFET.
Control Input
Condition of Switch,
RF Common to each
RF Port
A1 B1 A2 B2 A3 B3 A4 B4 RF1 RF2 RF3 RF4
1
0
0
1
0
1
0
1
On
Off
Off
Off
0
1
1
0
0
1
0
1
Off
On
Off
Off
0
1
0
1
1
0
0
1
Off
Off
On
Off
0
1
0
1
0
1
1
0
Off
Off
Off
On



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com