Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-243 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-243
Description  Reflective GaAs SP4T Switch DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-243 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-243 Datasheet HTML 1Page - Tyco Electronics SW-243 Datasheet HTML 2Page - Tyco Electronics SW-243 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reflective GaAs SP4T Switch
DC - 4 GHz
SW-243
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
Features
• Low Insertion Loss: 0.7 dB Typical
• Fast Switching Speed: 4 nS Typical
• Ultra Low DC Power Consumption
• Small Package Size: 0.250” Square
Description
M/A-COM’s SW-243 GaAs MMIC SP4T switch is
packaged in a CR-4 surface mount ceramic style
package.
The SW-243 is a reflective switch,
optimized for low insertion loss. The CR-4 package
is hermetically sealed, making these switches ideal
for space, military radios, or other environmentally
harsh applications.
Typical applications include synthesizer switching,
switch matrices and filter banks in systems such as
military radios, and space equipment.
The SW-243 is fabricated as a monolithic GaAs
MMIC using a 1.0 micron MESFET process.
Ordering Information
Part Number
Package
SW-243
Ceramic (CR-4)
Functional Schematic
RF1
A1
B1
B2
A2
GND
RF3
A3
B3
B4
A4
RF4
GND
RF
COM
GND
RF2
Orientation
Tab
Pin Configuration3
Pin No.
Function
Pin No.
Function
1
RF Port 1
9
Control A3
2
Control A1
10
Control B3
3
Control B1
11
Control B4
4
Control B2
12
Control A4
5
Control A2
13
RF Port 4
6
RF Port 2
14
Ground
7
Ground
15
RF Common
8
RF Port 3
16
Ground
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 4.0 GHz
+26 dBm
+33 dBm
Control Voltage
-8.5 V < Vc < +5 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. Bottom of case is RF ground.


Similar Part No. - SW-243

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
More results

Similar Description - SW-243

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC241LP3 HITTITE-HMC241LP3_08 Datasheet
194Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
logo
Analog Devices
HMC244AG16 AD-HMC244AG16 Datasheet
406Kb / 5P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com