Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-119 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SWD-119
Description  Quad Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SWD-119 Datasheet(HTML) 1 Page - Tyco Electronics

  SWD-119 Datasheet HTML 1Page - Tyco Electronics SWD-119 Datasheet HTML 2Page - Tyco Electronics SWD-119 Datasheet HTML 3Page - Tyco Electronics SWD-119 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Quad Driver for GaAs FET Switches and Attenuators
SWD-119
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
1
Features
• High Speed CMOS Technology
• Quad Channel
• Positive Voltage Control
• Low Power Dissipation
• Low Cost Plastic SOIC-16 Package
Description
The SWD-119 is a quad channel driver used to
translate TTL control inputs into gate control
voltages for GaAs FET microwave switches and
attenuators. High speed analog CMOS technology
is utilized to achieve low power dissipation at
moderate to high speeds, encompassing most
microwave switching applications. The output HIGH
level is optionally 0 to +2.0V (relative to GND) to
optimize the intermodulation products of the control
devices at low frequencies.
Functional Schematic
Vcc
Vopt
Output A1
Vopt
Vee
Output B1
Logic C1
TTL Buffer
Level Shifter
Driver 1
Inverter
Level Shifter
Output A2
Vee
Output B2
Output A3
Output B3
Output A4
Output B4
Logic C4
Logic C3
Logic C2
Same as
Driver 1
Same as
Driver 1
Same as
Driver 1
Pin No.
Function
Pin No.
Function
1
Vee
9
Output A1
2
Vcc
10
Output B1
3
C4
11
Output A2
4
C3
12
Output B2
5
C2
13
Output A3
6
C1
14
Output B3
7
Vopt
15
Output A4
8
Ground
16
Output B4
Pin Configuration
Ordering Information
Part Number
Package
SWD-119 PIN
Bulk Packaging
SWD-119TR
1000 piece reel
Truth Table
Input
CX
A
B
Logic “0”
VEE
VOPT
Logic “1”
VOPT
VEE
Outputs
Note: Reference Application Note M513 for reel size
information.


Similar Part No. - SWD-119

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SWD-119-PIN MA-COM-SWD-119-PIN Datasheet
80Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
SWD-119TR MA-COM-SWD-119TR Datasheet
80Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
More results

Similar Description - SWD-119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001 Datasheet
217Kb / 2P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
SWD-119-PIN MA-COM-SWD-119-PIN Datasheet
80Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com