Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-119 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SWD-119
Description  Quad Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SWD-119 Datasheet(HTML) 2 Page - Tyco Electronics

  SWD-119 Datasheet HTML 1Page - Tyco Electronics SWD-119 Datasheet HTML 2Page - Tyco Electronics SWD-119 Datasheet HTML 3Page - Tyco Electronics SWD-119 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Quad Driver for GaAs FET Switches and Attenuators
SWD-119
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
2
Guaranteed Operating Ranges
Symbol
Parameter 1
Unit
Min.
Typ.
Max.
VCC
Positive DC Supply Voltage
V
4.5
5.0
5.5
VEE
Negative DC Supply Voltage
V
-8.5
-5.0
-4.5
VOPT
2
Optional DC Output Supply Voltage
V
0
1.0
2.0
VOPT-VEE
Negative Supply Voltage Range
V
4.5
6.5
8.5
VCC-VEE
Positive to negative Supply Range
V
9.0
10.0
14.0
TA
Operating Ambient temperature
°C
-40
+25
+85
IOH
DC Output Current - High
mA
—
—
-1.0
IOL
DC Output Current - Low
mA
—
—
1.0
Trise, Tfall
Maximum Input Rise or Fall Time
nS
—
—
500
1. All voltages are relative to GND.
2. VOPT is grounded for most applications. To improve the intermodulation performance and the 1 dB compression point of GaAs control
devices at low frequencies, VOPT can be increased to between 1.0 and 2.0V. The nonlinear characteristics of the GaAs control devices
will approximate performance at 500 MHz. It should be noted that the control current that is on the GaAs
MMICs will increase when positive controls are applied.
Symbol
Parameter
Test Conditions
Units
Min.
Typ.
Max.
VIH
Input High Voltage
Guaranteed High Input Voltage
V
2.0
—
—
VIL
Input Low Voltage
V
—
—
0.8
VIH
Output High Voltage
IOH = -1 mA
VEE = Max
V
VOPT -0.1
—
—
VOL
Output Low Voltage
IOL = 1 mA
VEE = Max
V
—
—
VEE +0.1
IIN
Input Leakage Current
VIN = VCC or GND
VEE = Min
µA
-1.0
0
1.0
ICC
Quiescent Supply Current
VCC = Max
VOPT = Min or Max
VEE = Min
VIN = VCC or GND
µA
—
250
400
∆ ICC
Additional Supply Current, per
TTL Input pin
VCC= Max
VIN = VCC -2.1V
mA
—
—
1.0
Guaranteed Low Input Voltage
DC Characteristics over Guaranteed Operating Range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com