Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL32TM90 Datasheet(PDF) 42 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 42 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 38Page - SPANSION MBM29PL32TM90 Datasheet HTML 39Page - SPANSION MBM29PL32TM90 Datasheet HTML 40Page - SPANSION MBM29PL32TM90 Datasheet HTML 41Page - SPANSION MBM29PL32TM90 Datasheet HTML 42Page - SPANSION MBM29PL32TM90 Datasheet HTML 43Page - SPANSION MBM29PL32TM90 Datasheet HTML 44Page - SPANSION MBM29PL32TM90 Datasheet HTML 45Page - SPANSION MBM29PL32TM90 Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
MBM29PL32TM/BM90/10
42
s ERASE AND PROGRAMMING PERFORMANCE
s TSOP (1) PIN CAPACITANCE
Notes :
• Test conditions TA = +25°C, f = 1.0 MHz
• DQ15/A-1 pin capacitance is stipulated by output capacitance.
s FBGA PIN CAPACITANCE
Notes :
• Test conditions TA = +25°C, f = 1.0 MHz
• DQ15/A-1 pin capacitance is stipulated by output capacitance.
Parameter
Limits
Unit
Remarks
Min
Typ
Max
Sector Erase Time
—
1
15
s
Excludes programming time prior to
erasure
Programming Time
—
100
3000
µs
Excludes system-level overhead
Effective Page Programming
Time
(Write Buffer Programming)
—
23.5
—
µs
Chip Programming Time
—
—
300
s
Absolute Maximum
Programming Time (16 words)
——
6
ms
Non programming within the same
page
Erase/Program Cycle
100,000
—
—
cycle
—
Parameter
Symbol
Test Setup
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN = 0
—
8
10
pF
Output Capacitance
COUT
VOUT = 0
—
8.5
12
pF
Control Pin Capacitance
CIN2
VIN = 0
—
8
10
pF
RESET pin and WP/ACC Pin
Capacitance
CIN3
VIN = 0
—
20
25
pF
Parameter
Symbol
Test Setup
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN = 0
—
8
10
pF
Output Capacitance
COUT
VOUT = 0
—
8.5
12
pF
Control Pin Capacitance
CIN2
VIN = 0
—
8
10
pF
RESET pin and WP/ACC Pin
Capacitance
CIN3
VIN = 0
—
15
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com