Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL32TM90 Datasheet(PDF) 13 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 13 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 9Page - SPANSION MBM29PL32TM90 Datasheet HTML 10Page - SPANSION MBM29PL32TM90 Datasheet HTML 11Page - SPANSION MBM29PL32TM90 Datasheet HTML 12Page - SPANSION MBM29PL32TM90 Datasheet HTML 13Page - SPANSION MBM29PL32TM90 Datasheet HTML 14Page - SPANSION MBM29PL32TM90 Datasheet HTML 15Page - SPANSION MBM29PL32TM90 Datasheet HTML 16Page - SPANSION MBM29PL32TM90 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
MBM29PL32TM/BM90/10
13
(Continued)
Sector
Sector Address
Sector
Size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
A20 A19 A18 A17 A16 A15 A14 A13 A12
SA32
1
0
0
0
0
0
X
X
X
64/32
200000h to 20FFFFh
100000h to 107FFFh
SA33
1
0
0
0
0
1
X
X
X
64/32
210000h to 21FFFFh
108000h to 10FFFFh
SA34
1
0
0
0
1
0
X
X
X
64/32
220000h to 22FFFFh
110000h to 117FFFh
SA35
1
0
0
0
1
1
X
X
X
64/32
230000h to 23FFFFh
118000h to 11FFFFh
SA36
1
0
0
1
0
0
X
X
X
64/32
240000h to 24FFFFh
120000h to 127FFFh
SA37
1
0
0
1
0
1
X
X
X
64/32
250000h to 25FFFFh
128000h to 12FFFFh
SA38
1
0
0
1
1
0
X
X
X
64/32
260000h to 26FFFFh
130000h to 137FFFh
SA39
1
0
0
1
1
1
X
X
X
64/32
270000h to 27FFFFh
138000h to 13FFFFh
SA40
1
0
1
0
0
0
X
X
X
64/32
280000h to 28FFFFh
140000h to 147FFFh
SA41
1
0
1
0
0
1
X
X
X
64/32
290000h to 29FFFFh
148000h to 14FFFFh
SA42
1
0
1
0
1
0
X
X
X
64/32
2A0000h to 2AFFFFh
150000h to 157FFFh
SA43
1
0
1
0
1
1
X
X
X
64/32
2B0000h to 2BFFFFh
158000h to 15FFFFh
SA44
1
0
1
1
0
0
X
X
X
64/32
2C0000h to 2CFFFFh
160000h to 167FFFh
SA45
1
0
1
1
0
1
X
X
X
64/32
2D0000h to 2DFFFFh
168000h to 16FFFFh
SA46
1
0
1
1
1
0
X
X
X
64/32
2E0000h to 2EFFFFh
170000h to 177FFFh
SA47
1
0
1
1
1
1
X
X
X
64/32
2F0000h to 2FFFFFh
178000h to 17FFFFh
SA48
1
1
0
0
0
0
X
X
X
64/32
300000h to 30FFFFh
180000h to 187FFFh
SA49
1
1
0
0
0
1
X
X
X
64/32
310000h to 31FFFFh
188000h to 18FFFFh
SA50
1
1
0
0
1
0
X
X
X
64/32
320000h to 32FFFFh
190000h to 197FFFh
SA51
1
1
0
0
1
1
X
X
X
64/32
330000h to 33FFFFh
198000h to 19FFFFh
SA52
1
1
0
1
0
0
X
X
X
64/32
340000h to 34FFFFh
1A0000h to 1A7FFFh
SA53
1
1
0
1
0
1
X
X
X
64/32
350000h to 35FFFFh
1A8000h to 1AFFFFh
SA54
1
1
0
1
1
0
X
X
X
64/32
360000h to 36FFFFh
1B0000h to 1B7FFFh
SA55
1
1
0
1
1
1
X
X
X
64/32
370000h to 37FFFFh
1B8000h to 1BFFFFh
SA56
1
1
1
0
0
0
X
X
X
64/32
380000h to 38FFFFh
1C0000h to 1C7FFFh
SA57
1
1
1
0
0
1
X
X
X
64/32
390000h to 39FFFFh
1C8000h to 1CFFFFh
SA58
1
1
1
0
1
0
X
X
X
64/32
3A0000h to 3AFFFFh
1D0000h to 1D7FFFh
SA59
1
1
1
0
1
1
X
X
X
64/32
3B0000h to 3BFFFFh
1D8000h to 1DFFFFh
SA60
1
1
1
1
0
0
X
X
X
64/32
3C0000h to 3CFFFFh
1E0000h to 1E7FFFh
SA61
1
1
1
1
0
1
X
X
X
64/32
3D0000h to 3DFFFFh
1E8000h to 1EFFFFh
SA62
1
1
1
1
1
0
X
X
X
64/32
3E0000h to 3EFFFFh
1F0000h to 1F7FFFh
SA63
1
1
1
1
1
1
0
0
0
8/4
3F0000h to 3F1FFFh
1F8000h to 1F8FFFh
SA64
1
1
1
1
1
1
0
0
1
8/4
3F2000h to 3F3FFFh
1F9000h to 1F9FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com