Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR5000 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # MPR5000
Description  Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR5000 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  MPR5000 Datasheet HTML 1Page - WJ Communication. Inc. MPR5000 Datasheet HTML 2Page - WJ Communication. Inc. MPR5000 Datasheet HTML 3Page - WJ Communication. Inc. MPR5000 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Copyright WJ Communications June 2006. Subject to change without notice.
All trademarks, trade names, service marks, and logos remain the property of the rightful owners
Parameter
Rating
Units
ESD Protection (per ISO 7816-1)
2
KV
Maximum Operating Voltage
6
V
Operating Case Temperature
-20 to +55
°C
Storage Temperature
-40 to +65
°C
Absolute Maximum Rating*
*Operation of this device above any of these parameters may cause permanent damage.
Specifications
Operating Conditions: Vcc = 5.00 VDC, TAMB = 25°C, 50
System.
MPR5000
Multi-Protocol RFID Reader Module
EPC Class 0/0+ Class1 and Gen2 with Integral Antenna
Symbol
Parameter
Min
fRFID
RF Frequency—UHF Operation
902
fCH
Channel Spacing
CH
Frequency Hopping Channels (See Hop Frequency
Channels Table below)
IPEAK OP
Peak Operating Current
Units
MHz
kHz
Channels
mA
Max
928
750
Typ
500
50
600
VCC
Supply Voltage @ 800mA, Connected to System*
4.900
5.00
5.5
V
PTX-Max
Maximum Transmit Power
+26.6
+27
dBm
PRANGE
Power Control Range
12
dB
Step Size
1
dB
TOPERATING
Operating Temperature Range
-20
+50
°C
Sf
Frequency Stability
±10
ppm
*Measured at connector for 750mA load.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com