Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR5000 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # MPR5000
Description  Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR5000 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  MPR5000 Datasheet HTML 1Page - WJ Communication. Inc. MPR5000 Datasheet HTML 2Page - WJ Communication. Inc. MPR5000 Datasheet HTML 3Page - WJ Communication. Inc. MPR5000 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Copyright WJ Communications June 2006. Subject to change without notice.
All trademarks, trade names, service marks, and logos remain the property of the rightful owners
MPR5000
Multi-Protocol RFID Reader Module
EPC Class 0/0+ Class1 and Gen2 with Integral Antenna
Protocol Support
Protocol
ID
Read
ID
Write
Data
Read
Data
Write
Password
Write
Lock
Kill
EPC Class0
X
X
EPC Class0+
X
X
X
X
X
X
EPC Class1 Gen1
X
X
X
X
X
EPC Class1 Gen2 (ISO-18000-6C)
X
X
X
X
X
X
X
Frequency Bands
Channel
Hop
Frequency
(MHz)
1
901.75
2
902.25
3
902.75
4
903.25
5
903.75
7
904.75
6
904.25
8
905.25
10
906.25
9
905.75
11
906.75
15
908.75
13
907.75
12
907.25
14
908.25
16
909.25
17
910.75
18
910.25
19
911.75
20
912.25
21
912.75
22
913.25
23
913.75
24
914.25
25
914.75
Channel
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Hop
Frequency
(MHz)
915.25
915.75
916.25
916.75
917.25
917.75
918.25
918.75
919.25
920.75
920.25
921.75
922.25
922.75
923.25
923.75
924.25
924.75
925.25
925.75
926.25
926.75
927.25
927.75
928.25
US Frequency Hop Table
Country
Frequency (MHZ)
United States
902-928
Puerto Rico
902-928
Canada
902-928
Taiwan
917-922
Singapore
922-928
Hong Kong
923-925
Malaysia
920-925
Philippines
915-928
Thailand
902-928
Brazil
902-928
Argentina
902-928
Chile
902-928
Costa Rica
902-928
Mexico
902-928
Australia
920-926
South Africa
917-921
Uraguay
902-928
The MPR5000 can be configured to support
any country that falls within the US frequency
band. The hop table is then limited to the
channels that apply to the specific country.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com