Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7413 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7413
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7413 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7413 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
l
l
l
l
l
l
l
l
l
Symbol
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
Linear Derating Factor
mW/°C
EAS
Single Pulse Avalanche Energency
d
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ, TSTG
Junction and Storage Temperature Range
°C
Symbol
Parameter
TypMax
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
g
–––
50
V
2.5
Max
30
± 20
13
Thermal Resistance Ratings
Absolute Maximum Ratings
°C/W
9.2
5.0
0.02
260
-55 to +150
58
Generation VTechnology
Ultra Low On-Resistance
N-Channel Mosfet
Surface Mount
Available in Tape &Reel
Dynamic dv/dt Rating
Fast Switching
100% Rg Tested
Lead-Free
Features
VDS (V) = 30V
RDS(ON)
12m
(VGS = 10V)
RDS(ON)
17m
(VGS = 4.5V)
IRF7413
Rev:2023A2
1
Application


Similar Part No. - IRF7413

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
logo
Guangdong Kexin Industr...
IRF7413 KEXIN-IRF7413 Datasheet
1Mb / 6P
N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7413 UMW-IRF7413 Datasheet
422Kb / 8P
Generation VTechnology
logo
International Rectifier
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7413GPBF IRF-IRF7413GPBF Datasheet
264Kb / 9P
Ultra Low On-Resistance
More results

Similar Description - IRF7413

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com