Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7413 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7413
Description  MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7413 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7413 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7413 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 7.3A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
‚ Starting TJ= 25°C, L = 9.8mH
RG = 25Ω, IAS =7.3A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board
† Rθ is measured at TJ approximately 90°C
Symbol
Parameter
Min
Typ Max Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.034
–––
V/°C
–––
–––
12
–––
–––
17
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
10
–––
–––
S
–––
–––
12
–––
–––
25
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
Qg
Total Gate Charge
–––
52
79
Qgs
Gate-to-Source Charge
–––
6.1
9.2
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
16
23
RG
Gate Resistance
–––
–––
3.7
Ω
td(on)
Turn-On Delay Time
–––
8.6
–––
tr
Rise Time
–––
50
–––
td(off)
Turn-Off Delay Time
–––
52
–––
ns
tf
Fall Time
–––
46
–––
Ciss
Input Capacitance
–––
1800
–––
Coss
Output Capacitance
–––
680
–––
Crss
Reverse Transfer Capacitance
–––
240
–––
Symbol
Parameter
Min. Typ. Max. Units
Continuous Source Current
(Body Diode)
A
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
74
110
ns
Qrr
Reverse Recovery Charge
–––
200
300
nC
ISM
–––
–––
58
IS
IDSS
Drain-to-Source Leakage Current
µA
IGSS
pF
3.1
–––
–––
nA
Ω
VGS = 4.5V, ID = 3.7A f
Static Drain-to-Source On-Resistance
VGS = 10V, ID = 7.3A f
RDS(on)
VDS = VGS, ID = 250µA
VDS = 30V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 10V, ID = 3.7A
ID = 7.3A
VDS = 24V
Conditions
RG = 2.0Ω, See Fig. 10
f
VGS = 0V
RG = 6.2 Ω
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
TJ = 25°C, IS = 7.3A, VGS = 0V e
TJ = 25°C, IF = 7.3A
di/dt = 100A/µs
e
showing the
integral reverse
p-n junction diode.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
VGS = 10V, See Fig. 6 and 9
f
VDD = 15V
ID = 7.3A
VGS = -20V
VGS = 20V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
IRF7413
Rev:2023A2
2
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com