Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-3528ASECT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KA-3528ASECT
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528ASECT Datasheet(HTML) 2 Page - Kingbright Corporation

  KA-3528ASECT Datasheet HTML 1Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 2Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 3Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAH5822
REV NO: V.1
DATE: AUG/11/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002858
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
KA-3528ASEC
Super Bright Orange (InGaAIP)
WATER CLEAR
180
350
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Orange
610
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Orange
601
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Orange
29
nm
IF=20mA
C
Capacitance
Super Bright Orange
30
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Orange
2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Orange
10
uA
VR=5V
Parameter
Super Bright Orange
Units
Power dissipation
125
mW
DC Forward Current
50
mA
Peak Forward Current [1]
195
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com