Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-3528ASECT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KA-3528ASECT
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528ASECT Datasheet(HTML) 1 Page - Kingbright Corporation

  KA-3528ASECT Datasheet HTML 1Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 2Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 3Page - Kingbright Corporation KA-3528ASECT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAH5822
REV NO: V.1
DATE: AUG/11/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201002858
3.5x2.8mm SURFACE MOUNT LED LAMP
Part Number: KA-3528ASEC
Super Bright Orange
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
The Super Bright Orange device is made with InGaAlP (on
GaAs substrate) light emitting diode chip.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
assessor
數位簽署者:assessor
DN:cn=assessor, o, ou,
email=assessor@cn.kingbright.
com, c=<無>
日期︰2007.08.15 11:14:41 +08'00'


Similar Part No. - KA-3528ASECT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KA-3528ASURCKT KINGBRIGHT-KA-3528ASURCKT Datasheet
3Mb / 19P
Optoelectronic Components
KA-3528ASYCT KINGBRIGHT-KA-3528ASYCT Datasheet
3Mb / 19P
Optoelectronic Components
More results

Similar Description - KA-3528ASECT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com