Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB26 Datasheet(PDF) 49 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 49 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 44Page - Jonard Tools. KB26 Datasheet HTML 45Page - Jonard Tools. KB26 Datasheet HTML 46Page - Jonard Tools. KB26 Datasheet HTML 47Page - Jonard Tools. KB26 Datasheet HTML 48Page - Jonard Tools. KB26 Datasheet HTML 49Page - Jonard Tools. KB26 Datasheet HTML 50Page - Jonard Tools. KB26 Datasheet HTML 51Page - Jonard Tools. KB26 Datasheet HTML 52Page - Jonard Tools.  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
49
BURNISHERS
PPB
B--33,, PPB
B--77 &
& PPB
B--33R
R
B
B--33R
R
B
B--33
B
B--77
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
D
D--220000
Diamond Burnisher
Coarse
D
D--330000
Diamond Burnisher
Medium
D
D--440000
Diamond Burnisher
Fine
K
K--223344
Diamond Burnisher
Assortment Kit
D
D--220000 C
Co
oaarrssee ((g
grriitt ffo
orr rraap
piid
d cclleeaan
niin
ng
g)),,
.019" Thick, two diamond faces, green shaft.
D
D--330000 M
Meed
diiu
um
m ((g
grriitt ffo
orr iin
ntteerrm
meed
diiaattee ssiizzee
cco
on
nttaaccttss)),, .017" Thick, two diamond faces,
red shaft.
D
D--440000 FFiin
nee ((g
grriitt ffo
orr ssm
maallll sseen
nssiittiivvee cco
on
nttaaccttss)),,
.011" Thick, single diamond face, blue shaft.
K
K--223344,, Three assorted spatulas in a leather
case.
C
CO
ON
NTTA
AC
CTT B
BU
UR
RN
NIISSH
HEER
RSS
Plastic insulated handles for working on live contacts. Tools are
packaged in a clear plastic vial for protection from grease and
moisture.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
O
OB
B--11//33
FFo
orr FFiin
nee C
Co
on
nttaaccttss..
Black handle 3/16” wide, .007” thick. 3” long, Package of 3
O
OB
B--11//1122
FFo
orr FFiin
nee C
Co
on
nttaaccttss..
Black handle 3/16” wide, .007” thick. 3” long, Package of 12
O
OB
B--22//1122
FFo
orr EExxttrraa SSeen
nssiittiivvee PPo
oiin
nttss..
Blue handle. 1/4” wide, .007” thick. 3” long, Package of 12
O
OB
B--33//1122
FFo
orr G
Geen
neerraall PPu
urrp
po
ossee C
Co
on
nttaaccttss..
Red handle. 1/4” wide, .010” thick. 3” long, Package of 12
O
OB
B--44//1122
FFo
orr IIn
nd
du
ussttrriiaall U
Ussee..
Green handle. 1/4” wide. .020” thick 3” long, Package of 12
K
K--223344
PPO
OC
CK
KEETT TTY
YPPEE B
BU
UR
RN
NIISSH
HEER
RSS
Adjustment of flexible blade-length and rigidity -
is possible by varying depth in chuck. Supplied
with replaceable blades stored in pen barrel at
other end. Plastic barrel and cap made of sturdy
plastic for dielectric work. Length 4 1/2",
diameter 3/8". Blades are 3/16" Wide x 1 1/2"
long. Rods are .020" diameter x 1 1/4" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
PPB
B--33
Pen With 6 Blades .0035” Thick
PPBB--33RR
PB-3 plus 6 abrasive rods .020”
PPBB--77
Pen With 6 Blades, .007” thick
BB--33//2255
Pkg. 25 Replacement Blades for PB-3 (.0035”)
BB--33RR//2255
Pkg. 25 Replacement Rods for PB-3R (.020”)
BB--77//2255
Pkg. 25 Replacement Blades for PB-7 (.007”)
O
OB
B--44
O
OB
B--11
O
OB
B--22
O
OB
B--33
D
DIIA
AM
MO
ON
ND
D B
BU
UR
RN
NIISSH
HEER
RSS
These diamond contact
burnishing spatulas consist of
uniform abrasive diamond
particles, set in a special metal
for precise effective cleaning,
polishing and burnishing with
minimum pressure, so very little
metal is removed. Diamond face
1” x 1/4”. Total length 6”.
D
D--220000,, D
D--330000,, D
D--440000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com