Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB26 Datasheet(PDF) 21 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 21 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 17Page - Jonard Tools. KB26 Datasheet HTML 18Page - Jonard Tools. KB26 Datasheet HTML 19Page - Jonard Tools. KB26 Datasheet HTML 20Page - Jonard Tools. KB26 Datasheet HTML 21Page - Jonard Tools. KB26 Datasheet HTML 22Page - Jonard Tools. KB26 Datasheet HTML 23Page - Jonard Tools. KB26 Datasheet HTML 24Page - Jonard Tools. KB26 Datasheet HTML 25Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Specifications
Part No.
SA-9-115
SA-91
SA-9-E-115
SA-91-E
Input Voltage
115V
115V
60Hz
60Hz
Maximum Air
Volume
105 to 126 CFM 105 to 126 CFM
Activated
Carbon Wt.
12g
12g
Unit Weight
2.2 lbs. (1 kg)
4 lbs. (1.8 kg)
Arm Length
-
24" (607mm)
BENCHTOP FUME ABSORBERS
STATIC SAFE
SA-91/ SA-91-E
I
Articulating arm allows
optimized positioning and
saves bench space.
I
Bench mounting clamp and 3
filters come complete with
unit.
I
SA-91-E features a
static-dissipative housing.
I
Aerodynamic hood design
effectively draws irritating
soldering fumes away from the
work area.
I
Carbon-impregnated filters trap a
limited portion of the flux fumes.
I
Compact size, low profile and
adjustable stand allows convenient
placement 6" to 8"
(152 to 203mm) from work area.
I
SA-9-E-115 feature
static-dissipative housings.
Part No.
Description
SA-9-115
Benchtop fume absorber, 115V AC with 3 filters
SA-9-E-115
ESD-Safe benchtop fume absorber, 115V AC with 3 filters
Part No.
Description
SA-91
SA-9-115 with Articulating Arm, & Bracket
SA-91-E
SA-9-E-115 with Articulating Arm, & Bracket
SAK-90
Arm Assembly Kit Retro-fits SA-9/9-E to SA-91/SA-91-E
SAF-1
Replacement Filter Set, 3pcs.
SA-9-115
SA-9-E-115
Benchtop
Articulating Arm
SA-9-115/ SA-9-E-115
SAF-1
21
SA-91
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com