Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 1 Page - Kentec Electronics (Displays) Limited

Part # MSP430
Description  Single layer of ITO Glass Sensor with high transmittance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KENTECDISPLAY [Kentec Electronics (Displays) Limited]
Direct Link  http://www.kentecdisplay.com.hk
Logo KENTECDISPLAY - Kentec Electronics (Displays) Limited

MSP430 Datasheet(HTML) 1 Page - Kentec Electronics (Displays) Limited

  MSP430 Datasheet HTML 1Page - Kentec Electronics (Displays) Limited MSP430 Datasheet HTML 2Page - Kentec Electronics (Displays) Limited MSP430 Datasheet HTML 3Page - Kentec Electronics (Displays) Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev.: 03
1 430BOOST-SENSE1 Overview
1.1 Overview
The KT35S430-S1 ITO Capacitive Touch BoosterPack is an extension module for the MSP-EXP430G2
MSP430 LaunchPad Value Line Development Kit (see Figure 1).
Figure 1. Capacitive Sense BoosterPack With LaunchPad
The ITO Capacitive Sense BoosterPack features the new MSP430G2xxx devices with transparent ITO glass
sensor. The BoosterPack includes a converter board and an ITO glass capacitive touch sensor. The user
experience application demonstrates capacitive sense as standalone feature by showing the user interaction
directly with the onboard LEDs.
KT35S430-S1 features:
l Single layer of ITO Glass Sensor with high transmittance
l 3.5 inch diagonal
l Simply applied on any type of LCD displays
l 5 function keys
l Instant feedback to user interaction by 2 LEDs
l Low product cost
l Low customization cost
- Customization on numbers of keys, key position and FPC
1.2 Kit Contents
The KT35S430-S1 kit
includes two components:
•One ITO Glass Capacitive
Touch sensor with five
function keys and FPC
pinout (Figure 2)
•One converter board for
connected the ITO glass
sensor to the
MSP-EXP430G2 MCU
board (Figure 3)
MSP430 LaunchPad (MSP-EXP430G2) with Capacitive Touch
BoosterPack (KT35S430-S1) User Guide
Figure 2.
ITO Glass Capacitive Touch sensor
Figure 3. Connector board


Similar Part No. - MSP430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430 TI-MSP430 Datasheet
522Kb / 31P
MIXED SIGNAL MICROCONTROLLERS
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430 TI-MSP430 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
MSP430 TI2-MSP430 Datasheet
2Mb / 96P
MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
REVISED APRIL 2016
MSP4301103IPWR TI1-MSP4301103IPWR Datasheet
1Mb / 50P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX307AK SONY-ACX307AK Datasheet
31Kb / 2P
High Transmittance 6.25 cm (2.5-type) Transmissive Color LCD Panels
logo
PMC-Sierra, Inc
ITO-220 PMC-ITO-220 Datasheet
64Kb / 1P
ITO-220
logo
AVX Corporation
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
Single Layer Varistors
logo
WILLAS ELECTRONIC CORP
SF101FC WILLAS-SF101FC Datasheet
302Kb / 2P
10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER ITO-220 PACKAGE
logo
Shenzhen Luguang Electr...
MBR2035CT LUGUANG-MBR2035CT Datasheet
99Kb / 2P
ITO-220AB
MBR1030CT LUGUANG-MBR1030CT Datasheet
93Kb / 2P
ITO-220AB
logo
AVX Corporation
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
Single Layer Varistors
logo
Continental Device Indi...
ITO-220AB CDIL-ITO-220AB Datasheet
308Kb / 6P
ITO-220AB Isolated Leaded Plastic Package
logo
AVX Corporation
GH AVX-GH_17 Datasheet
231Kb / 4P
Single Layer Ceramics With & Without Borders
logo
Greystone Energy System...
PS-HATSGL GREYSTONE-PS-HATSGL Datasheet
137Kb / 1P
HIGH ACCURACY GLASS TEMPERATURE SENSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com