Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 2 Page - Kentec Electronics (Displays) Limited

Part # MSP430
Description  Single layer of ITO Glass Sensor with high transmittance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KENTECDISPLAY [Kentec Electronics (Displays) Limited]
Direct Link  http://www.kentecdisplay.com.hk
Logo KENTECDISPLAY - Kentec Electronics (Displays) Limited

MSP430 Datasheet(HTML) 2 Page - Kentec Electronics (Displays) Limited

  MSP430 Datasheet HTML 1Page - Kentec Electronics (Displays) Limited MSP430 Datasheet HTML 2Page - Kentec Electronics (Displays) Limited MSP430 Datasheet HTML 3Page - Kentec Electronics (Displays) Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev.: 03
2 Hardware Preparation
2.1. Remove the J3 connections on the LaunchPad to disconnect TXD, and
RXD from P1.1 and P1.2.
2.2. Remove the J5 connections on the LaunchPad to disconnect the
LaunchPad LEDs from P1.0 and P1.6.
2.3. Remove R34 and C24 on the LaunchPad to disconnect it from P1.3.
2.4. Use the MSP430G2211 device witch come from the LaunchPad
Development Kit and insert it in the LaunchPad MCU socket.
2.5. Connect the ITO Capacitive Sensor and the converter board to the
LaunchPad with proper orientation by ensuring that the “Kentec Display”
text are in the same direction as the text on the Launchpad.
2.6. Connect the LaunchPad with an USB cable to a PC.
NOTE: The 32-kHz crystal/oscillator on pins 12 and 13 is not required for the ITO Capacitive Sensor demo.
3 Software Preparation
Bellow attachment is the source code for the projects, compile and download it to the LaunchPad.
NO.
Document
Attachment
1
Source code package
4 ITO Capacitive Touch BoosterPack Hardware
As shown in Figure 4 and Table 1, the ITO Capacitive Touch
BoosterPack is an advance capacitive touch application
example for the new MSP430G2xxx touch-sense enabled I/O
pins. The demo shows 5 touch button for HMI, In addition,
there are two LEDs on the board to give instant feedback to
user interaction.
Table 1. BoosterPack Interface
Pin
MSP430 Port
BoosterPack Signal
Description
1
VCC
VCC
Supply voltage
2
P1.0
TACLK Input
Timer0_A clock signal input
3
P1.1
CA_Ref
Comparator reference
4
P1.2
S1
Touch-sense 1
5
P1.3
S2
Touch-sense 2
6
P1.4
S3
Touch-sense 3
7
P1.5
S4
Touch-sense 4
8
P1.6
S5
Touch-sense 5
9
P1.7
CA_Out
Comparator output
10
RST/SBWTDIO
NC
Reset line for SBW JTAG data, not connected to BoosterPack
11
TEST/SBWTCK
CN
Test line for SBW JTAG clock, not connected to BoosterPack
12
P2.6/XOUT
LED1
LED1 positive drive
13
P2.7/XIN
LED2
LED2 positive drive
14
GND
GND
Supply ground
Figure 4. ITO Capacitive Sensor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com