Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4151 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMLL4151
Description  High-speed diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4151 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMLL4151 Datasheet HTML 1Page - NXP Semiconductors PMLL4151 Datasheet HTML 2Page - NXP Semiconductors PMLL4151 Datasheet HTML 3Page - NXP Semiconductors PMLL4151 Datasheet HTML 4Page - NXP Semiconductors PMLL4151 Datasheet HTML 5Page - NXP Semiconductors PMLL4151 Datasheet HTML 6Page - NXP Semiconductors PMLL4151 Datasheet HTML 7Page - NXP Semiconductors PMLL4151 Datasheet HTML 8Page - NXP Semiconductors PMLL4151 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1996 Sep 18
5
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 1 mA; RL = 100 Ω; measured at
IR = 0.1 mA; see Fig.7
PMLL4150
−
6ns
when switched from IF = 10 mA to
200 mA to IR = 10 mA to 200 mA;
RL = 100 Ω; measured at IR = 0.1 × IF;
see Fig.7
−
4ns
when switched from IF = 200 mA to
400 mA to IR = 200 mA to 400 mA;
RL = 100 Ω; measured at IR = 0.1 × IF;
see Fig.7
−
6ns
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
PMLL4151
−
4ns
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
−
2ns
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
PMLL4153
−
4ns
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
−
2ns
tfr
forward recovery time
when switched to IF = 200 mA; tr = 0.4 ns;
measured at VF = 1 V; see Fig.8
−
10
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
300
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com