Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4151 Datasheet (PDF) - NXP Semiconductors

PMLL4151 Datasheet PDF - NXP Semiconductors
Part # PMLL4151
Download  PMLL4151 Download
File Size   37.65 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diodes

PMLL4151 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMLL4151 Datasheet PDF - NXP Semiconductors

Part # PMLL4151
Download  PMLL4151 Click to download

File Size   37.65 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diodes

PMLL4151 Datasheet (HTML) - NXP Semiconductors


PMLL4151 Product details

DESCRIPTION
The PMLL4150, PMLL4151, PMLL4153 are high-speed switching diodes fabricated in planar technology, and encapsulated in small hermetically sealed glass SOD80C SMD packages.

FEATURES
• Small hermetically sealed glass SMD package
• High switching speed: max. 4 ns
• General application
• Continuous reverse voltage: max. 50 V
• Repetitive peak reverse voltage: max. 75 V
• Repetitive peak forward current: max. 600 mA and 450 mA respectively.

APPLICATIONS
• High-speed switching
• The PMLL4150 is primarily intended for general purpose use in computer and industrial applications.
• The PMLL4151 and PMLL4153 are intended for military and industrial applications.




Similar Part No. - PMLL4151

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMLL4153 NEXPERIA-PMLL4153 Datasheet
366Kb / 11P
High-speed diode
Rev. 3 - 19 August 2010
logo
NXP Semiconductors
PMLL4153 PHILIPS-PMLL4153_15 Datasheet
263Kb / 10P
High-speed diode
Rev. 3-19 August 2010
More results


Similar Description - PMLL4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
High-speed diodes
1996 Sep 03
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
High-speed diodes
1996 Apr 15
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
High-speed diodes
April 1996
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
High-speed diodes
1996 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com