Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL5232B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMLL5232B
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL5232B Datasheet(HTML) 4 Page - NXP Semiconductors

  PMLL5232B Datasheet HTML 1Page - NXP Semiconductors PMLL5232B Datasheet HTML 2Page - NXP Semiconductors PMLL5232B Datasheet HTML 3Page - NXP Semiconductors PMLL5232B Datasheet HTML 4Page - NXP Semiconductors PMLL5232B Datasheet HTML 5Page - NXP Semiconductors PMLL5232B Datasheet HTML 6Page - NXP Semiconductors PMLL5232B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Notes
1. VZ is measured with device at thermal equilibrium while held in clips at 10 mm from body in still air at 25 °C.
2. For types PMLL5225B to PMLL5242B the IZ current is 7.5 mA; for PMLL5243B and higher IZ =IZtest. SZ values valid between 25 °C and 125 °C.
PMLL5251B
22
600
+0.087
5.6
60
0.1
17.0
1.25
PMLL5252B
24
600
+0.088
5.2
55
0.1
18.0
1.25
PMLL5253B
25
600
+0.089
5.0
55
0.1
19.0
1.25
PMLL5254B
27
600
+0.090
4.6
50
0.1
21.0
1.0
PMLL5255B
28
600
+0.091
4.5
50
0.1
21.0
1.0
PMLL5256B
30
600
+0.091
4.2
50
0.1
23.0
1.0
PMLL5257B
33
700
+0.092
3.8
45
0.1
25.0
0.9
PMLL5258B
36
700
+0.093
3.4
45
0.1
27.0
0.8
PMLL5259B
39
800
+0.094
3.2
45
0.1
30.0
0.7
PMLL5260B
43
900
+0.095
3.0
40
0.1
33.0
0.6
PMLL5261B
47
1000
+0.095
2.7
40
0.1
36.0
0.5
PMLL5262B
51
1100
+0.096
2.5
40
0.1
39.0
0.4
PMLL5263B
56
1300
+0.096
2.2
40
0.1
43.0
0.3
PMLL5264B
60
1400
+0.097
2.1
40
0.1
46.0
0.3
PMLL5265B
62
1400
+0.097
2.0
35
0.1
47.0
0.3
PMLL5266B
68
1600
+0.097
1.8
35
0.1
52.0
0.25
PMLL5267B
75
1700
+0.098
1.7
35
0.1
56.0
0.2
TYPE No.
WORKING
VOLTAGE
VZ (V)(1)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (%/K)
at IZ(2)
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT
at REVERSE
VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs; Tamb =25 °C
IR (µA)
VR
(V)
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com