Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL5232B Datasheet (PDF) - NXP Semiconductors

PMLL5232B Datasheet PDF - NXP Semiconductors
Part # PMLL5232B
Download  PMLL5232B Download
File Size   37.87 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

PMLL5232B Datasheet (PDF)

Go To PDF Page Download Datasheet
PMLL5232B Datasheet PDF - NXP Semiconductors

Part # PMLL5232B
Download  PMLL5232B Click to download

File Size   37.87 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

PMLL5232B Datasheet (HTML) - NXP Semiconductors


PMLL5232B Product details

Low-power voltage regulator diodes in small hermetically sealed glass SOD80C SMD packages. The series consists of 43 types with nominal working voltages from 3.0 to 75 V.



FEATURES

• Total power dissipation : max. 500 mW

• Tolerance series:±5%

• Working voltage range : nom. 3.0 to 75 V

• Non-repetitive peak reverse power dissipation: max. 40 W.



APPLICATIONS

• Low-power voltage stabilizers or voltage references.




Similar Part No. - PMLL5232B

ManufacturerPart #DatasheetDescription
logo
Heyco.
PMLL HEYCO-PMLL Datasheet
121Kb / 1P
Lockit™ Loops
logo
NXP Semiconductors
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4148L PHILIPS-PMLL4148L Datasheet
67Kb / 11P
High-speed switching diodes
Rev. 06-4 April 2005
PMLL4148L NXP-PMLL4148L Datasheet
74Kb / 11P
High-speed switching diodes
Rev. 07-31 January 2007
PMLL4148L NXP-PMLL4148L Datasheet
122Kb / 11P
High-speed switching diodes
Rev. 8-1 February 2011
More results


Similar Description - PMLL5232B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com