Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD5H60DF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STGD5H60DF
Description  Trench Field-stop IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGD5H60DF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STGD5H60DF Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGD5H60DF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2085
eq STGD5H60DF
Trench Field-stop IGBT
www.iscsemi.com
1
DESCRIPTION
· High ruggedness, temperature stable behavior
· Very low VCEsat
· Very tight parameter distribution
· Tight parameter distribution
APPLICATIONS
· Induction cooker
· Microwave ovens
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1400
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC= 25℃
68
A
IC
Collector Current-Continuous
@ TC= 100℃
45
A
ICM
Pulsed Collector Current Note1
200
A
PD
Power Dissipation @TC=25℃
246
W
TJ
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - STGD5H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD5H60DF STMICROELECTRONICS-STGD5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
More results

Similar Description - STGD5H60DF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
CoolMOS & Trench Field Stop IGBT
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
logo
ON Semiconductor
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
Field Stop Trench IGBT
February 2017 Rev. 1.0
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com