Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8000 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8000
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8000 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8000 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
56F8025 Signal Pins
56F8025 Data Sheet, Rev. 3
Freescale Semiconductor
21
Preliminary
2.2 56F8025 Signal Pins
After reset, each pin is configured for its primary function (listed first). Any alternate functionality must
be programmed.
Table 2-3 56F8025 Signal and Package Information for the 44-Pin LQFP
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description
VDD
29
Supply
Supply
I/O Power — This pin supplies 3.3V power to the chip I/O interface.
VDD
35
VSS
17
Supply
Supply
VSS — These pins provide ground for chip logic and I/O drivers.
VSS
28
VSS
36
VDDA
11
Supply
Supply
ADC Power — This pin supplies 3.3V power to the ADC modules. It
must be connected to a clean analog power supply.
VSSA
12
Supply
Supply
ADC Analog Ground — This pin supplies an analog ground to the
ADC modules.
VCAP
18
Supply
Supply
VCAP — Connect this pin to a 4.7μF or greater bypass capacitor in
order to bypass the core voltage regulator, required for proper chip
operation. See Section 10.2.1.
VCAP
34
RESET
(GPIOA7)
21
Input
Input/Open
Drain
Output
Input,
internal
pull-up
enabled
Reset — This input is a direct hardware reset on the processor.
When RESET is asserted low, the chip is initialized and placed in the
reset state. A Schmitt trigger input is used for noise immunity. The
internal reset signal will be deasserted synchronous with the internal
clocks after a fixed number of internal clocks.
Port A GPIO — This GPIO pin can be individually programmed as
an input or open drain output pin. Note that RESET functionality is
disabled in this mode and the chip can only be reset via POR, COP
reset, or software reset.
After reset, the default state is RESET.
Return to Table 2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com