Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8000 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8000
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8000 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8000 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8000 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
56F8025 Data Sheet, Rev. 3
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev. 0
Initial public release.
Rev. 1
• In Table 5-3, changed the ITCN_BASE address from $00 F060 (incorrect value) to
$00 F0E0 (the correct value).
•In Table 10-4, added an entry for flash data retention with less than 100 program/erase
cycles (minimum 20 years).
•In Table 10-6, changed the device clock speed in STOP mode from 8MHz to 4MHz.
•In Table 10-12, changed the typical relaxation oscillator output frequency in Standby mode
from 400kHz to 200kHz.
• Changed input propagation delay values in Table 10-20 as follows:
Old values: 1
μs typical, 2 μs maximum
New values: 35 ns typical, 45 ns maximum
Rev. 2
• In Table 10-19, changed the maximum ADC internal clock frequency from 8MHz to
5.33MHz.
• Replaced the case outline schematics in Figure 11-2, Figure 11-3, and Figure 11-4.
Rev. 3
Added the following note to the description of the TMS signal in Table 2-3:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
Please see http://www.freescale.com for the most current data sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com