Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8345 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8345 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
56F8345 Technical Data, Rev. 17
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 1.0
Pre-Release version, Alpha customers only
Rev 2.0
Initial Public Release
Rev 3.0
Corrected typo in Table 10-4, Flash Endurance is 10,000 cycles. Addressed additional
grammar issues.
Rev 4.0
Added “Typical Min” values to Table 10-16. Edited grammar, spelling, consistency of
language throughout family. Updated values in Current Consumption per Power Supply Pin,
Table 10-7, Regulator Parameters, Table 10-9, External Clock Operation Timing
Requirements Table 10-13, SPI Timing, Table 10-17, ADC Parameters, Table 10-23, and IO
Loading Coefficients at 10MHz, Table 10-24.
Rev 5.0
Added Part 4.8. Added the word “access” to FM Error Interrupt in Table 4-5. Removed min
and max numbers. Clarified CSBAR 0 and CSBAR 1 reset values in Table 4-10. Removed
min and max numbers, only documenting Typ. numbers for LVI in Table 10-6.
Rev 6.0
Updated numbers in Table 10-7 and Table 10-8 with more recent data. Corrected typo in
Table 10-3 in Pd characteristics.
Rev 7.0
Replaced any reference to Flash Interface Unit with Flash Memory Module. Added note to
VCAP pin in Table 2-3. Removed unneccessary notes in Table 10-12. Corrected temperature
range in Table 10-14. Added ADC calibration information to Table 10-23 and new graphs in
Figure 10-21.
Rev 8.0
Clarified Table 10-22. Corrected Digital Input Current Low (pull-up enabled) numbers in
Table 10-5. Removed text and Table 10-2. Replaced with note to Table 10-1.
Rev 9.0
Added 56F8145 information; edited to indicate differences in 56F8345 and 56F8145.
Reformatted for Freescale look and feel. Updated Temperature Sensor and ADC tables;
updated balance of electrical tables for consistency throughout family. Clarified I/O power
description in Table 2-3, added note to Table 10-7 and clarified Section 12.3.
Rev 10.0
Corrected beginning address for On-Chip Data RAM, Table 4-6.
Rev 11.0
Corrected addresses in Table 4-6.
Rev 12.0
Corrected Figure 10-21. Added output voltage maximum value and note to clarify in
Table 10-1; also removed overall life expectancy note, since life expectancy is dependent on
customer usage and must be determined by reliability engineering. Clarified value and unit
measure for Maximum allowed PD in Table 10-3. Corrected note about average value for
Flash Data Retention in Table 10-4. Added new RoHS-compliant orderable part numbers in
Table 13-1.
Rev 13.0
Updated Table 10-23 to reflect new value for maximum Uncalibrated Gain Error
Rev 14.0
Deleted RSTO from Pin Group 2 (listed after Table 10-1). Deleted formula for Max Ambient
Operating Temperature (Automotive) and Max Ambient Operating Temperature (Industrial) in
Table 10-4. Added RoHS-compliance and “pb-free” language to back cover.
Please see http://www.freescale.com for the most current Data Sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com