Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8345 Datasheet (PDF) - Freescale Semiconductor, Inc

56F8345 Datasheet PDF - Freescale Semiconductor, Inc
Part # 56F8345
Download  56F8345 Download
File Size   2222.69 Kbytes
Page   164 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56F8345 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F8345 Datasheet PDF - Freescale Semiconductor, Inc

Part # 56F8345
Download  56F8345 Click to download

File Size   2222.69 Kbytes
Page   164 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56F8345 Datasheet (HTML) - Freescale Semiconductor, Inc


56F8345 Product details

General Description

Note: Features in italics are NOT available in the 56F8145 device.



• Up to 60 MIPS at 60MHz core frequency

• DSP and MCU functionality in a unified,

C-efficient architecture

• 128KB Program Flash

• 4KB Program RAM

• 8KB Data Flash

• 8KB Data RAM

• 8KB Boot Flash

• Up to two 6-channel PWM modules

• Four 4-channel, 12-bit ADCs

• Temperature Sensor

• Up to twoQuadrature Decoders

• FlexCAN module

• Optional On-Chip Regulator

• Two Serial Communication Interfaces (SCIs)

• Up to two Serial Peripheral Interface (SPIs)

• Up to four general-purpose Quad Timers

• Computer Operating Properly (COP)/Watchdog

• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging

• Up to 49 GPIO lines

• 128-pin LQFP Package



Features

Core

• Efficient 16-bit 56800E family controller engine with dual Harvard architecture

• Up to 60 Million Instructions Per Second (MIPS) at 60MHz core frequency

• Single-cycle 16 ×16-bit parallel Multiplier-Accumulator (MAC)

• Four 36-bit accumulators, including extension bits

• Arithmetic and logic multi-bit shifter

• Parallel instruction set withunique DSP addressing modes

• Hardware DO and REP loops

• Three internal address buses

• Four internal data buses

• Instruction set supports both DSP and controller functions

• Controller-style addressing modes and instructions for compact code

• Efficient C compiler and local variable support

• Software subroutine and interrupt stack with depth limited only by memory

• JTAG/EOnCE debug programming interface



Memory

Note: Features in italics are NOT available in the 56F8145 device.

• Harvard architecture permits as many as three simultaneous accesses to program and data memory

• Flash security protection feature

• On-chip memory, including a low-cost, high-volume Flash solution

— 128KB of Program Flash

— 4KB of Program RAM

— 8KB of Data Flash

—8KB of Data RAM

— 8KB of Boot Flash

• EEPROM emulation capability




Similar Part No. - 56F8345

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8345 MOTOROLA-56F8345 Datasheet
1Mb / 148P
56F8345 16-bit Hybrid Controller
logo
Freescale Semiconductor...
56F8345 FREESCALE-56F8345 Datasheet
877Kb / 172P
16-bit Digital Signal Controllers
56F8345 FREESCALE-56F8345_07 Datasheet
877Kb / 172P
16-bit Digital Signal Controllers
More results


Similar Description - 56F8345

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com