Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8366 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
Signal Pins
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
33
Preliminary
PWMA0
62
Output
In reset,
output is
disabled,
pull-up is
enabled
PWMA0 - 5 — These are six PWMA outputs.
PWMA1
64
PWMA2
65
PWMA3
67
PWMA4
68
PWMA5
70
ISA0
(GPIOC8)
113
Schmitt
Input
Schmitt
Input/
Output
Input,
pull-up
enabled
ISA0 - 2 — These three input current status pins are used for
top/bottom pulse width correction in complementary channel
operation for PWMA.
Port C GPIO — These three GPIO pins can be individually
programmed as input or output pins.
In the 56F8366, these pins default to ISA functionality after reset.
In the 56F8166, the default state is not one of the functions offered
and must be reconfigured.
To deactivate the internal pull-up resistor, clear the appropriate bit
of the GPIOC_PUR register. For details, see Part 6.5.8.
ISA1
(GPIOC9)
114
ISA2
(GPIOC10)
115
FAULTA0
71
Schmitt
Input
Input,
pull-up
enabled
FAULTA0 - 2 — These three fault input pins are used for disabling
selected PWMA outputs in cases where fault conditions originate
off-chip.
To deactivate the internal pull-up resistor, set the PWMA0 bit in the
SIM_PUDR register. For details, see Part 6.5.8.
FAULTA1
73
FAULTA2
74
PWMB0
34
Output
In reset,
output is
disabled,
pull-up is
enabled
PWMB0 - 5 — Six PWMB output pins.
PWMB1
35
PWMB2
36
PWMB3
39
PWMB4
40
PWMB5
41
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com